Part Number Hot Search : 
12001 23L64 SAA5645 RM7000 28168A SMBG33A AX891 1A470M
Product Description
Full Text Search
 

To Download 2N2905A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N2905A  pnp general purpose amplifier   ? general-purpose transistor for switching and amplifier applications ? housed in a to-39 case 
     symbol rating rating unit v ceo collector-emitter voltage 60 v v cbo collector-base voltage 60 v v ebo emitter-base voltage 5.0 v i c collector current, continuous 600 ma t j operating junction temperature -55 to +150  t stg storage temperature -55 to +150  
    
   symbl parameter min typ max units  
 
v (br)ceo collector-emitter breakdown voltage* (i c =10madc, i b =0) 60 70 --- vdc v (br)cbo collector-base breakdown voltage (i c     e =0) 60 100 --- vdc v (br)ebo emitter-base breakdown voltage (i e     c =0) 5.0 9.0 --- vdc i ces collector-emitter cutoff current (v ce =30vdc) --- 1.0 50 nadc i cbo collector-base cutoff current (v cb =50vdc) --- 0.25 10 nadc i ebo emitter-base cutoff current (v eb =3.5vdc)` --- 0.1 50 nadc  
 
h fe dc current gain* (i c    v ce =10vdc) (i c =1.0madc, v ce =10vdc) (i c =10madc, v ce =10vdc) (i c =150madc, v ce 10vdc) (i c =500madc, v ce =10vdc) 75 100 100 100 50 225 250 --- 180 80 --- 450 --- 300 --- --- --- --- --- --- v ce(sat) collector-emitter saturation voltage (i c =150madc, i b =15madc) (i c =500madc, i b =50madc) --- --- 0.18 0.5 0.4 1.6 vdc v be(sat) base-emitter saturation voltage (i c =150madc, i b =15madc) (i c =500madc, i b =50madc) --- --- 0.87 1.0 1.3 2.6 vdc dimensions inches mm dim min max min max note a .335 .370 8.509 9.40  b .305 .335 7.747 8.509  c .240 .260 6.096 6.604 d .50 .75 12.7 19.05 e .200 5.08   f .029 .045 7.366 11.43 g ----- .050 ----- 1.27 h .009 .031 0.229 7.874 j 44 46 44 46 k .028 .034 0.711 0.864 l .016 .021 0.406 0.533  revision: a 2011/01/01  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components www. mccsemi .com 1 of 3 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information)
symbl parameter min typ max units 
     ac h fe short circuit current transfer ratio (i c =1.0madc, v ce =10vdc,f=1.0khz) 100 250 --- --- c obo open circuit output capacitance (v cb =10vdc, i e =0, 100kh z 
     t on saturated tum on switching time to 90% 16v,50 ohm input pulse --- 25 45 ns t off saturated tum off switching time to10% 16v,50 ohm input pulse --- 200 300 ns mcc 2N2905A revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk;50pcs/box


▲Up To Search▲   

 
Price & Availability of 2N2905A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X